PART |
Description |
Maker |
QL3025-0PQ208M QL3025-2PQ208M QL3012 QL3012-0PL84M |
60,000 usable PLD gate pASIC3 FPGA combining high performance and high density. 40,000 usable PLD gate pASIC3 FPGA combining high performance and high density. 25,000 usable PLD gate pASIC3 FPGA combining high performance and high density. pASIC3 FPGA Combining High Performance and High Density(高性能和高密度相结合的pASIC3现场可编程门阵列)
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] QuickLogic Corp.
|
QL6500 |
Combining Performance, Density and Embedded RAM
|
quicklogic
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
QL7120 QL7120_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL6600 QL6600_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL3060 |
PLD Gate pASIC 3 FPGA Combining High Performance and High Density
|
QuickLogic Corporation
|
FDC9267 |
SINGLE / DOUBLE DENSITY FLOPPY DISK CONTROLLER WITH HIGH PERFORMANCE ANALOG DATA SEPARATOR
|
http:// List of Unclassifed Manufacturers ETC
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
STM32F103T8U7 STM32F103V8 STM32F103RB |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
STMicroelectronics
|
STM32F103V8 STM32F103RBU6TR STM32F103RBU6XXX STM32 |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics http://
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|